PART |
Description |
Maker |
MX23L12810-1 MX23L12810RC-10 MX23L12810RC-12 MX23L |
CAP TANT LOWESR 33UF 25V 20% SMD 8M X 16 MASK PROM, 120 ns, PDSO48 NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM FOR TSOP PACKAGE
|
Macronix International Co., Ltd. PROM MCNIX[Macronix International]
|
HT23C010 23C010 |
From old datasheet system CMOS 128K x 8-Bit Mask ROM(CMOS 128K x 8位掩模式ROM) 的CMOS 128K的8位掩模ROM28K的的CMOS × 8位掩模式光盘 CMOS 128K 8-Bit Mask ROM CMOS 128K? 8-Bit Mask ROM CMOS 128K′ 8-Bit Mask ROM
|
Holtek Semiconductor, Inc. HOLTEK[Holtek Semiconductor Inc]
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
UM23C1028-A UM23C1028H-A UM23C1028-B UM23C1028H-B |
16,384 X 8-BIT CMOS MASK-PROGRAMMABLE ROM
|
http:// UMC Corporation
|
PD23C32000A |
32M-Bit Mask-Programmable ROM(32M位掩膜可选ROM) 32兆位掩模可编程ROM2M的位掩膜可选光盘)
|
NEC, Corp.
|
PD23C16000W |
16M-Bit Mask-Programmable ROM(16M可擦写可编程ROM) 1,600位掩模可编程ROM,600位可擦写可编程光盘)
|
NEC, Corp.
|
UPD23C32040LGX-XXX UPD23C32040LG5-XXX-7JF UPD23C32 |
x8 or x16 ROM (Mask Programmable) x8或x16光盘(掩模可编程 x8 or x16 ROM (Mask Programmable) x8x16光盘(掩模可编程
|
NEC, Corp. 飞思卡尔半导体(中国)有限公司
|
SAB-C504-2R24M SAB-C504-2RM SAB-C504-LM SAB-C504-L |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for extended temperature ranges
|
Infineon
|
MX23C1024 23C1024 MX23C1024PC-12 MX23C1024QC-20 MX |
1M-BIT [64K x 16] CMOS MASK ROM From old datasheet system 1m-BIT [64KX16] CMOS MASK ROM
|
MCNIX[Macronix International] Macronix 旺宏
|
A23L1616 A23L16161 A23L16161V A23L16162 A23L16162V |
70ns 2M x 16/4M x 8bit CMOS MASK ROM 100ns 2M x 16/4M x 8bit CMOS MASK ROM Power Resistor; Series:MK; Resistance:20ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded 2M X 16 / 4M X 8 BIT CMOS MASK ROM 200万16 / 4米8位CMOS掩膜ROM
|
AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
MX23L6410AMC-90G |
64M-BIT PAGE MODE MASK ROM 4M X 16 MASK PROM, 90 ns, PDSO44
|
Macronix International Co., Ltd.
|